PART |
Description |
Maker |
ST7MDT2-EMU2B ST7MDT5-EMU2B ST7MDT6-EMU2B ST7MDT7- |
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 3991
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
SPC560D30L1B4E0X SPC560D30L3B4E0X SPC560D40L1B4E0X |
32-bit MCU family built on the Power Architecture for automotive body electronics applications 32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
STMicroelectronics ST Microelectronics
|
C8051F521-IM C8051F531-IT C8051F531-IM C8051F533-I |
8/4/2 kB ISP Flash MCU Family 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDSO10 8/4/2 kB ISP Flash MCU Family 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDSO20 8/4/2 kB ISP Flash MCU Family 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, QCC20
|
Silicon Laboratories, Inc.
|
ST7263BE2M1 ST7263BE2M1XXX ST72F63BK4M1 ST7263BE6M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I虏C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I2C
|
STMicroelectronics http://
|
C8051F850-B-GM C8051F850-B-GU C8051F851-B-GM C8051 |
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
|
Silicon Laboratories
|
ST72P63BK6B1 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
意法半导
|
ST6235BQ6 ST62P35BQ6 ST62T35BQ6 |
8-BIT MICROCONTROLLER ( MCU ) FAMILY WITH OTP, ROM, FASTROM, EPROM, ADC, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI, UART AND 52 PINS
|
ST Microelectronics
|
ST92F120JR1Q6 ST92F120JR1Q7 ST92F120JR9Q6 ST92F120 |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72F63BK1M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
SGS Thomson Microelectronics
|
ST92250CR1Q6 ST92250CR1QB ST92250CR1QC ST92250CR1T |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
|
STMICROELECTRONICS[STMicroelectronics]
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|
C8051F327 C8051F326 |
Full Speed USB, 16 kB Flash MCU Family (C8051F326 / C8051F327) Full Speed USB / 16k ISP FLASH MCU Family
|
ETC Silicon Laboratories
|